Part Number Hot Search : 
FS1000 ATTIN HCF4010 HCF4010 LFZ28V02 BPW36 20N60F 1N5408G
Product Description
Full Text Search
 

To Download M6759 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Acer Laboratories Inc.
M6759: 8 bit MTP Micro-controller
--Proprietary, Confidential, Preliminary--
Product Brief
M6759 : 8 Bit MTP Micro-controller
Features
l l l l 8051 instruction set compatible 8 bit microcontroller 8051/8052 compatible pin out Complete static design, wide range of operation frequency from 1 ~ 40 MHz Large on-chip memory 64K bytes build-in Multiple Times Programming ROM (MTP-ROM) program memory 512 bytes on-chip SRAM, expandable external 64K bytes address space Four 8-bit bi-directional I/O ports 13 interrupts including 6 external source One full-duplex serial UART ports compatible with standard 8052 Two 16 bit timer/counter One 16 bit timer On chip oscillator for crystal Software power-down mode, support IDLE mode and STOP mode for less power consumption ROM Code Protection 4.5V~5.5V operation voltage, 12V programming 44 pin PLCC or QFP package
General Description
The M6759 is an 8032/8052 instruction compatible 8bit micro-controller with MTP Flash ROM for firmware updating. By combining a versatile 8-bit CPU with MTP-Flash, this device provides whole microcontroller system on one chip and still remains the feasibility for general control systems in a variety of applications. Further more, the firmware can be protected by user-defined security registers after the code is ready. ALi M6759 contains the following: a) a non-volatile 64K bytes Multiple Times Programmable ROM program memory. b) a volatile 512 bytes read/write data memory c) four 8-bit I/O ports, two 16-bit timer/event counters (identical to the timers of the 80C51). d) a 16-bit timer (identical to the Timer 2 of the 8052). e) a multi-source two-priority-level nested interrupt structure. f) one serial interface (UART) and g) an on-chip oscillator.
l l l l l l l l l l
Release date: 00/06/03, Document Number : 6759DS02 Page 1 Acer Labs: 11F, 45 Tung Hsing Road, Taipei 110, Taiwan, R.O.C. Tel: 886-2-8768-2800 Fax: 886-2-8768-3030
--Proprietary, Confidential, Preliminary--
Acer Laboratories Inc.
M6759: 8 bit MTP Micro-controller
Product Brief
Pin Configuration
44-pin PLCC Package
T2EX T2 NC VCC AD0 AD1 AD2 AD3
7
1
40
RST RXD NC TXD /INT0 /INT1 T0 T1
M6759
18
29
AD4 AD5 AD6 AD7 /EAVPP NC ALE /PSEN A15 A14 A13
P1.5 P1.6 P1.7 RST P3.0 NC P3.1 P3.2 P3.3 P3.4 P3.5
7
P1.4 P1.3 P1.2 P1.1 P1.0 NC VCC P0.0 P0.1 P0.2 P0.3
1
40
M6759
18
29
P0.4 P0.5 P0.6 P0.7 /EAVPP NC ALE /PSEN P2.7 P2.6 P2.5
44-pin QFP Package
/WR /RD XTAL2 XTAL1 GND NC A8 A9 A10 A11 A12
T2EX T2 NC VCC AD0 AD1 AD2 AD3
1
34
RST RXD NC TXD /INT0 /INT1 T0 T1
M6759
12
23
AD4 AD5 AD6 AD7 /EAVPP NC ALE /PSEN A15 A14 A13
P1.5 P1.6 P1.7 RST P3.0 NC P3.1 P3.2 P3.3 P3.4 P3.5
1
P1.4 P1.3 P1.2 P1.1 P1.0 NC VCC P0.0 P0.1 P0.2 P0.3
P3.6 P3.7 XTAL2 XTAL1 GND NC P2.0 P2.1 P2.2 P2.3 P2.4
34
M6759
12
23
P0.4 P0.5 P0.6 P0.7 /EAVPP NC ALE /PSEN P2.7 P2.6 P2.5
Page 2 Release date : 00/06/03, Document Number: 6759DS02 Acer Labs: 11F, 45 Tung Hsing Road, Taipei 110, Taiwan, R.O.C. Tel: 886-2-8768-2800 Fax: 886-2-8768-3030
/WR /RD XTAL2 XTAL1 GND NC A8 A9 A10 A11 A12
P3.6 P3.7 XTAL2 XTAL1 GND NC P2.0 P2.1 P2.2 P2.3 P2.4
Acer Laboratories Inc.
M6759: 8 bit MTP Micro-controller
--Proprietary, Confidential, Preliminary--
Product Brief
Pin Description
Pin assignments shown below are listed based on 44-pin PLCC package. And if not additionally specified, further pin number reference throughout this document is, by default, referred to 44-pin PLCC package. As for QFP package, the pin number assignment should be shifted accordingly, as shown in Pinout Configuration. Pin Name VDD GND P0.7-P0.0 No. (PLCC) Type Description 44 IN Power supply for internal operation, 5V input. 22 IN Ground. 36,37,38,39, I/O Port 0 is 8 bits bi-directional I/O port with internal pull high. 40,41,42, 43 AD7-0 Multiplexed address/data bus. During the time when ALE is high, the LSB of a memory address is presented. When ALE falls, the port transitions to a bi-directional data bus. This bus is used to read external ROM and read/write external RAM memory or peripherals. RST 10 IN Reset signal of internal circuit, it must be kept 4 clocks to ensure being recognized by internal circuit. This signal will not affect internal SRAM. XTAL1 21 IN Crystal In, can be used as external clock input. XTAL2 20 OUT Crystal out, feedback of XTAL1. /PSEN 32 OUT Program Store Enable Output, commonly connected to external ROM memory as a chip enable during fetching and MOVC operation. /PSEN goes high during a reset condition. ALE 33 OUT Address Latch Enable, used to latch external LSB 8 bit address bus from multiplexed address/data bus, commonly connect to the latch enable of 373 family. This signal will be forced high when the device is in a reset condition. P1.7-P1.0 9,8,7,6,5,4,3, I/O Port 1 is 8 bits bi-directional I/O port with internal pull high. All pins have an 2 alternate function shown as below. T2EX (P1.1) IN External timer/counter 2 trigger. T2 (P1.0) IN External timer/counter 2. P2.7-P2.0 31,30,29,28, I/O Port 2 is 8 bits bi-directional I/O port with internal pull high. The alternate 27,26,25, 24 function is MSB 8 bit address bus A15-A8 OUT This bus emits the high-order address byte during fetches from external Program Memory or during accesses to external Data Memory that use 16bit addresses (MOVX @ DPTR). During accesses to external Data Memory that use 8-bit addresses (MOVX @ Ri), Port 2 emits the contents of the P2 Special Function Register. P3.7-P3.0 19,18,17,16, I/O Port 3 is an 8-bit bi-directional I/O port with internal pull high. The reset 15,14,13, 11 condition of this port is with all bits at a logic 1. Port 3 also have alternate function list below /RD (P3.7) OUT External data memory read strobe. /WR (P3.6) OUT External data memory write strobe. T1 (P3.5) IN External timer/counter 1. T0 (P3.4) IN External timer/counter 0. /INT1 (P3.3) IN External interrupt 1 (Negative Edge Detect). /INT0 (P3.2) IN External interrupt 0 (Negative Edge Detect). TXD (P3.1) OUT Serial port output. RXD (P3.0) IN Serial port input. /EAVPP 35 IN The pin must be externally held low to enable the device to fetch code from external program memory. If /EAVPP is held high, the device executes from internal program memory. /EAVPP is internal latched on reset. This pin also receives the 12V programming voltage (VPP) during FLASH programming. NC 1,12,23,34 NC These pins should not be connected for any purpose
Release date: 00/06/03, Document Number : 6759DS02 Page 3 Acer Labs: 11F, 45 Tung Hsing Road, Taipei 110, Taiwan, R.O.C. Tel: 886-2-8768-2800 Fax: 886-2-8768-3030
--Proprietary, Confidential, Preliminary--
Acer Laboratories Inc.
M6759: 8 bit MTP Micro-controller
Product Brief
Block Diagram
P0.7:0
P2.7:0
P1.7:0
P3.7:0
Port 0 Drivers
Port 2 Drivers
Port 1 Drivers Serial Port Timer Interrupt Logic
Port 3 Drivers
Port Latch
Port Latch
Port Latch
Data Bus
ACC Program Address Register
Data Bus
B Register ALU REG2 Stack PSW ALU Pointer
64K bytes MTP Memory Program Counter Incrementer
Data Bus
ALU REG1
Data Bus
512 Bytes
RAM Addr. Register
Instruction Register
Buffer
DPTR
RAM
OSC
Clocks and Control
XTAL2 XTAL1
RST EA ALE PSEN
Page 4
Release date : 00/06/03, Document Number: 6759DS02 Acer Labs: 11F, 45 Tung Hsing Road, Taipei 110, Taiwan, R.O.C. Tel: 886-2-8768-2800 Fax: 886-2-8768-3030
Acer Laboratories Inc.
M6759: 8 bit MTP Micro-controller
--Proprietary, Confidential, Preliminary--
Product Brief
Memory Map
Program Memory
Data Memory Internal RAM
FFFFH
FFFFH 1FFH External RAM Upper 256 bytes
MTP ROM FFH 01FFH 80H 7FH Lower 128 bytes 0000H 0000H 00H Upper 128 bytes SFR space
Release date: 00/06/03, Document Number : 6759DS02 Page 5 Acer Labs: 11F, 45 Tung Hsing Road, Taipei 110, Taiwan, R.O.C. Tel: 886-2-8768-2800 Fax: 886-2-8768-3030
--Proprietary, Confidential, Preliminary--
Acer Laboratories Inc.
M6759: 8 bit MTP Micro-controller
Product Brief
Package Information
44-pin PLCC Package
SYMBOL A B C D E F G Min 0.685 0.650 0.685 0.650 0.168 0.102 -
Dimension in Inches Typ 0.690 0.653 0.690 0.653 0.174 0.105 0.010
SYMBOL Max 0.695 0.656 0.695 0.656 0.180 0.108 H I J K L M Min 0.595 0.026 0.013 0.02 0.045
Dimension in Inches Typ 0.5 0.610 0.05
Max 0.625 0.032 0.021 0.04 0.055
Page 6
Release date : 00/06/03, Document Number: 6759DS02 Acer Labs: 11F, 45 Tung Hsing Road, Taipei 110, Taiwan, R.O.C. Tel: 886-2-8768-2800 Fax: 886-2-8768-3030
Acer Laboratories Inc.
M6759: 8 bit MTP Micro-controller
--Proprietary, Confidential, Preliminary--
Product Brief
A
A2 A1
44-pin QFP Package D D1 D2
-D-
0.1 S 0
E1
E2
-A-
E
-B-
L C
1
ooo C A-B D bbb C A-B D
CONTROL DIMENSIONS ARE IN MILLIMETERS Symbol A A1 A2 D D1 E E1 R2 R1 1 2 3 c L L1 c L L1 S 0.20 0.10 0.73 0.10 0.73 0.13 0.13 0 0 Millimeter Min. 0.15 1.90 Nom. 0.25 2.05 13.20 BASIC 10.00 BASIC 13.20 BASIC 10.00 BASIC 10 REF 7 REF 0.15 0.88 1.80 0.15 0.88 1.80 0.008 0.23 1.03 0.004 0.029 0.23 1.03 0.004 0.029 0.30 7 0.005 0.005 0 0 Max. 2.55 0.35 2.20 Min. 0.006 0.075 Inch Nom. 0.010 0.081 0.520 BASIC 0.394 BASIC 0.520 BASIC 0.394 BASIC 10 REF 7 REF 0.006 0.035 0.063 0.006 0.035 0.063 -
-C- SEATING PLANE
0.10 C
e
b
ccc M C A-B S D M
Max. 0.100 0.014 0.087
-H-
2
R1 R2
CAGE PLANE
S
0.25mm
3
0.012 7 Symbol Min. b 0.009 0.041 0.009 0.041 e D2 E2 ooo bbb ccc 0.30 Millimeter Nom. 0.35 0.80 BSC 8.0 8.0 0.25 0.20 0.20 Max. 0.45 Min.
L
Inch Nom. 0.014 0.031 BSC 0.315 0.315 0.010 0.008 0.008 Max. 0.018 0.012
NOTES : 1, DIMENSION D1 AND E1 DO NOT INCLUDE MOLD PROTRUSION. ALLOWABLE PROTRUSION IS 0.25mm PER SIDE DIMENSIONS D1 AND E1 DO INCLUDE MOLD MISMATCH AND ARE DETERMINED AT DATUM PLANE (-H-). 2, DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08mm TOTAL. IN EXCESS OF THE b DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE LEAD FOOT.
Release date: 00/06/03, Document Number : 6759DS02 Page 7 Acer Labs: 11F, 45 Tung Hsing Road, Taipei 110, Taiwan, R.O.C. Tel: 886-2-8768-2800 Fax: 886-2-8768-3030
--Proprietary, Confidential, Preliminary--
Acer Laboratories Inc.
M6759: 8 bit MTP Micro-controller
Product Brief
Worldwide Distributors and Sales Offices : Taiwan Acer Laboratories Inc. 11F, No. 45 Tung Hsing Road, Taipei 110, Taiwan, R.O.C. Tel: 886 (2) 762 -8800 Fax: 886 (2) 762 -6060 Acer Sertek 11-15F, 135, Sec. 2 Chien Kuo North Road, Taipei 10479,Taiwan, R.O.C. Tel: 886 (2) 501-0055 Fax: 886 (2) 501- 2521 Arrow / Ally, Inc. 11F, 678, Sec. 4, Pa Teh Road, Taipei, Taiwan, R.O.C. Tel: 886 (2) 768 - 6399 Fax: 886 (2) 768 - 6390 Asec International Inc. 4F, 223 Chung Yang Road, Nan Kang, Taipei, Taiwan, R.O.C. Tel: 886 (2) 786-6677 Fax: 886 (2) 786 - 5257 Hong Kong Lestina International Ltd. 14/F, Park Tower 15 Austin Road, Tsimshatsui, Hong Kong Tel: 852-2735 -1736 Fax: 852-2730 - 5260
Japan ASCII Corporation 8-1, Inarimae, Tsukuba-shi Ibaraki, 305, Japan Tel: 81 - 298 - 55 - 4004 Fax: 81 - 298 - 55 - 1985 Kanematsu Electronic Components Corp. 11F Shin-Ohsaki Kangyo Bldg., 6-4, Ohsaki 1-Chome, Shinagawa-Ku, Tokyo, Japan 141 Tel: 81 (3) 3779 - 7850 Fax: 81 (3) 3779 - 7898 Macnica Inc. Hakusan High-Tech Park, 1-22-2 Hakusan, Midori-Ku, Yokohama City, Japan 226 Tel: 81 (45) 939 - 6116 Fax: 81 (45) 939 - 6117 Technova Inc. 9F Daiichi-Seimei Daini Bldg., 2-14-27, Shin-Yokohama, Kouhoku-ku, Yokohama-Shi, Kanagawa, 222 Tel: 81 (45) 472-7800 Fax: 81 (45) 472-7830 Korea I&C Microsystems Co., Ltd. 801, 8/F, Bethel Bldg., 324-1, Yangjae-Dong, Seocho-Ku, Seoul, Korea Tel: 82 (2) 577 - 9131 Fax: 82 (2) 577 - 9130 Singapore
Texny Glorytact (HK) Ltd. Unit M, 6/F, Kaiser Estate Phase 3, 11 Hok Yuen Street, Hunghom, Kowloon, Hong Kong Tel: 852 - 2765 - 0118 Fax: 852 - 2765 - 0557
Electronic Resources Ltd. 205 Kallang Bahru, # 04-00, Singapore 339341 Tel: 65 - 298 - 0888 Fax: 65 - 298 - 1111 ALi U. S. Office 1830-B Bering Drive San Jose, CA 95112 USA Tel: 1 (408) 467 - 7456 Fax: 1 (408) 467 - 7474
Page 8
Release date : 00/06/03, Document Number: 6759DS02 Acer Labs: 11F, 45 Tung Hsing Road, Taipei 110, Taiwan, R.O.C. Tel: 886-2-8768-2800 Fax: 886-2-8768-3030


▲Up To Search▲   

 
Price & Availability of M6759

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X